PART |
Description |
Maker |
XC17S150XL XC17S150XLPD8C XC17S150XLPD8I XC17S150X |
Spartan and Spartan-XL Families Field Programmable Gate Arrays
|
Xilinx, Inc
|
XC17S00 DS030 17S20PC 17S30LPC 17S10PC XC17S05XLSO |
Spartan 3.3V one-time programmable configuration PROM. Configuration bits 781248. Product Specification From old datasheet system SPARTAN FAMILY OF ONE-TIME PROGRAMMABLE CONFIGURATION PROMS Spartan 3.3V one-time programmable configuration PROM. Configuration bits 1040128. Spartan Family of One-Time
|
XILINX[Xilinx, Inc]
|
88PG8204 88PG8204A0-NFE1C000 88PG8216 88PG8216A1-N |
SWITCHING REGULATOR, QCC20 3 X 4 MM, ROHS COMPLIANT, QFN-20 Field Programmable DSP Switcher Field Programmable DSP Switcher AnyVoltage Technology Field Programmable DSP Switcher垄芒 Field Programmable DSP Switcher垄芒 AnyVoltage垄芒 Technology
|
Marvell Semiconductor, Inc. Marvell Technology Group Ltd.
|
XCS30XL-3BG280C XCS05XL-4BG144I XCS40-4TQ208C XCS2 |
Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 125 MHz, PBGA256 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, PQFP100 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, 125 MHz, PQCC84 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 250 MHz, PQFP100 Low-Power ADSL Central Office Line Driver 20-SO PowerPAD -40 to 85 FPGA, 784 CLBS, 13000 GATES, 217 MHz, PQFP208 10-Bit, 125MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 500-mA Dual Differential Line Driver 20-SO PowerPAD 斯巴达和Spartan - xL的家庭现场可编程门阵 High Speed FET-Input Operational Amplifier 8-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 High Speed FET-Input Operational Amplifier 8-SO PowerPAD -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 FUSE 4A 32V FAST 0603 SMD 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, 166 MHz, PQFP100 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 196 CLBS, 3000 GATES, 250 MHz, PBGA144 PV SERIES 斯巴达和Spartan - xL的家庭现场可编程门阵 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 250 MHz, PQFP144 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays 斯巴达和Spartan - xL的家庭现场可编程门阵 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-HTSSOP 0 to 70 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-SOIC 0 to 70 Wideband Operational Amplifier 16-QFN -40 to 85 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 14-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 Rail-to-Rail Output Wideband Fully Differential Amplifier 16-QFN -40 to 85 Replaced by THS5661A : 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 Wideband, Low Noise, Low Distortion Fully Differential Amplifier 16-QFN -40 to 85 Replaced by THS5641A : 8-Bit, 100MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 Dual Differential Line Drivers and Low-Power Receivers 28-HTSSOP -40 to 85 TVS UNIDIRECT 1500W 170V SMC CANMS3470L24-61PL/C Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 2%; Series:CD5; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Switch Mode Power Supply; Output Voltage:6VDC; Output Power Max:600W; Number of Outputs:5; Supply Voltage Max:264VAC; Supply Voltage Min:85VAC FUSE .5A 32V FAST 0603 SMD POWER SUPPLY,AC/DC SWITCHER FUSE 5A 32V FAST 0603 SMD CONNECTOR ACCESSORY 14-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 CANMS3470L24-61SL/C Switch Mode Power Supply; Output Voltage:12VDC; Output Power Max:600W; Number of Outputs:2; Supply Voltage Max:264VAC; Supply Voltage Min:85VAC
|
XILINX INC Linear Technology, Corp. Xilinx, Inc. http://
|
17S100A |
Spartan-II/Spartan-IIE Family OTP Configuration PROMs
|
Xilinx
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
ZPSD401A1-C-15J ZPSD401A1-C-15L ZPSD401A1-C-15U ZP |
PSD4XX/ZPSD4XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics]
|
ZPSD501B1-C-15J ZPSD501B1-C-15L ZPSD501B1-C-15U ZP |
PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics]
|
XCV400E XCV300E-6PQ240C XCV300E-6PQ240I XCV300E-6B |
Densities from 58 k to 4 M system gates Virtex?E 1.8 V Field Programmable Gate Arrays Virtex垄芒-E 1.8 V Field Programmable Gate Arrays VIRTEX⒙-E 1.8 V FIELD PROGRAMMABLE GATE ARRAYS Virtex⑩-E 1.8 V Field Programmable Gate Arrays Virtex-E1.8VFieldProgrammableGateArrays
Extended Memory Field Programmable Gate Arrays GT 60C 60#16 SKT PLUG SOCKET-DIP, 16P, MACH CONT, .3LS, .17HI, GOLD DIODE SCHOTTKY 45V 110A D-61-SL SOCKET, IC 8 PIN DIP - Obsolete GT 5C 5#16S PIN PLUG GT 5C 5#16S SKT PLUG Virtex-E 1.8 V Field Programmable Gate Arrays 的Virtex.8伏现场可编程门阵 VirtexE 1.8 V Field Programmable Gate Arrays 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L12-10PL/C FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA352 AB 10C 10#16 SKT ANG PLG ROHS RoHS Compliant: Yes 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L10-6SL/C FPGA, 1536 CLBS, 82944 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA352 TVS Diode; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Polarization:Unipolar; Power Rating:1500W 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA900 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA900 Field Programmable Gate Arrays 现场可编程门阵列 TAPE, CORONA, CHEMRES, 25MMX9.15M; Length, Reel (Metric):9.15m; Width, external:25mm RoHS Compliant: NA 现场可编程门阵列 TAPE, SEMICOND, RUBBER, 19MMX4.5M; Length, Reel (Metric):45m; Length, tape:45m; Material:Ethylene Propylene Rubber; Width, tape:19mm RoHS Compliant: NA 现场可编程门阵列 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA560 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA900 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PQFP240 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PQFP240 Virte -E 1.8 V Field Programmable Gate Arrays Virte1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 400 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 12696 CLBS, 685584 GATES, 357 MHz, PBGA1156 GT 4C 4#8 SKT PLUG FPGA, 3456 CLBS, 186624 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA676 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA432 SOCKET IC 24-PIN 现场可编程门阵列 71-604913-03S 的Virtex⑩娥1.8伏现场可编程门阵 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA860 GT 24C 24#16 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA900 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA352 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA456 GT 7C 7#12 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA560 Virtex??E 1.8 V Field Programmable Gate Arrays Virtex-E 1.8V field programmable gate array. Fast, High-Density 1.8 V FPGA Family Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
AN10E40 |
Field Programmable Analog Array
|
ETC[ETC]
|
PLS105 |
Field-Programmable Logic Sequencer
|
Philips Semiconductors
|
ATT3090 ATT3090-100H132I ATT3090-100H44I ATT3090-1 |
Field-Programmable Gate Arrays
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
|